Part Number Hot Search : 
R4000 VTD205 45M50B D452A OPI120TX SBR10 MRF898D ML720J8S
Product Description
Full Text Search
 

To Download 1645220000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, tension clamp connection, pitch 5.00/5.08 | sls 5.08 | sls 5.08/180b - 1 - general ordering data order no. 1645220000 part designation sls 5.08/24b sn or version pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 24, 180, box ean 4008190284435 qty. 20 pc(s). system parameters conductor connection system clamping yoke connection outgoing direction of conductor 180 pitch 5.08 mm pitch in inch 0.2 inch no. of poles 24 no. of rows 1 tightening torque, min. 0.4 nm tightening torque, max. 0.5 nm clamping screw m 2.5 stripping length 7 mm l1 in mm 116.84 mm l1 in inch 4.6 inch
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, tension clamp connection, pitch 5.00/5.08 | sls 5.08 | sls 5.08/180b - 2 - system parameters electric shock protection to din vde 0470 finger-safe plugged/ back-of-hand-safe unplugged material data insulating material pbt colour orange colour chart similar to ral 2000 insulating material group iiia flammability class ul 94 v-0 cti >= 200 contact base material cusn contact surface tinned connectable conductors clamping range, min. 0.13 mm2 clamping range, max. 3.31 mm2 awg, min. 26 awg, max. 12 solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 2.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 2.5 mm2 with wire end ferrule, acc. to din 46 228/1, min. 0.2 mm2 with wire end ferrule, acc. to din 46 228/1, max. 2.5 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 0.2 mm2 w. plastic collar ferrule, din 46228 pt 4, max. 2.5 mm2 gauge to en 60999 a x b; ? 2.8 mm x 2.0 mm; 2.4 mm din iec rating data rated current, min. no. pins (tu=20c) 21.5 a rated current, max. no. pins (tu=20c) 16 a rated current, min. no. pins(tu=40c) 18 a rated current, max. no. pins (tu=40c) 14 a rated voltage for overvoltage class/pollution severity ii/2 400 v rated voltage for overvoltage class/pollution severity iii/2 320 v rated voltage for overvoltage class/pollution severity iii/3 250 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 4 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 4 kv short-time withstand current resistance 3 x 1s with 120 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor (field wiring), min. 26
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, tension clamp connection, pitch 5.00/5.08 | sls 5.08 | sls 5.08/180b - 3 - csa rating data awg conductor (field wiring), max. 12 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 10 a awg conductor, min. 26 awg conductor, max. 12 approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1627240000 sls 5.08/2b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 2, 180, box 1627250000 sls 5.08/3b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 3, 180, box 1627260000 sls 5.08/4b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 4, 180, box 1627270000 sls 5.08/5b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 5, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, tension clamp connection, pitch 5.00/5.08 | sls 5.08 | sls 5.08/180b - 4 - 1627280000 sls 5.08/6b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 6, 180, box 1627290000 sls 5.08/7b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 7, 180, box 1627300000 sls 5.08/8b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 8, 180, box 1627310000 sls 5.08/9b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 9, 180, box 1627320000 sls 5.08/10b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 10, 180, box 1627330000 sls 5.08/11b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 11, 180, box 1627340000 sls 5.08/12b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 12, 180, box 1627350000 sls 5.08/13b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 13, 180, box 1627360000 sls 5.08/14b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 14, 180, box 1627370000 sls 5.08/15b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 15, 180, box 1627380000 sls 5.08/16b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 16, 180, box 1645150000 sls 5.08/17b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 17, 180, box 1645160000 sls 5.08/18b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 18, 180, box 1645170000 sls 5.08/19b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 19, 180, box 1645180000 sls 5.08/20b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 20, 180, box 1645190000 sls 5.08/21b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 21, 180, box 1645200000 sls 5.08/22b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 22, 180, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) | plug connectors, tension clamp connection, pitch 5.00/5.08 | sls 5.08 | sls 5.08/180b - 5 - 1645210000 sls 5.08/23b sn or pcb plug-in connector, male connectors, clamping yoke connection, clamping range, max.: 3.31 mm2, pitch: 5.08 mm, no. of poles: 23, 180, box


▲Up To Search▲   

 
Price & Availability of 1645220000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X